PART |
Description |
Maker |
PFF50 |
Axial Leaded Hermetically Sealed High Voltage Superfast Rectifi er Diode
|
Semtech Corporation
|
SDAD101S7.5 SDAD101 SDAD101B10 SDAD101B2.5 SDAD101 |
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SDAD103H5.0F SDAD103 SDAD103C15F SDAD103D10F SDAD1 |
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER 4 A, SILICON, RECTIFIER DIODE 2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER 3.5 A, SILICON, RECTIFIER DIODE 2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER 16 A, SILICON, RECTIFIER DIODE
|
SOLID STATE DEVICES INC http:// SSDI[Solid States Devices, Inc] Solid State Devices, Inc.
|
SDAD102H7.5F SDAD102C10F SDAD102C15F SDAD102C5.0F |
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER 1.5 A, SILICON, RECTIFIER DIODE 2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER 3.3 A, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc] Solid States Devices, Inc. SOLID STATE DEVICES INC
|
ER2A |
SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
|
Yea Shin Technology Co., Ltd
|
APT100DL60B APT100DL60BG APT100DL60S APT100DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
APT30DL60BCT APT30DL60BCTG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
RE0208M |
Fast Recovery Diode for Flash Circuit 800V, 200mA Rectifi er
|
Sanyo Semicon Device
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
22-15-2096 A-4455-AZ09A 0022152096 |
2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 9 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 9 Circuits 2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 9 Circuits
|
Molex Electronics Ltd.
|